PART |
Description |
Maker |
M80-8790242 M80-8540842 M80-8540845 M80-8790405 M8 |
Datamate Connectors Datamate L-Tek DIL Male Vertical 4.5mm PC Tail Connector, latched, gold, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin Plc http://
|
M80-8241822 M80-8241645 M80-8243445 |
Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 8 8-way 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Datamate L-Tek DIL Male Vertical 9.4mm PC Tail Connector, latched, gold, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-8261646 M80-8260806 M80-8260406 M80-8260422 M8 |
DATAMATE 2mm PITCH VERTICAL SMT DIL PLUG ASSEMBLY - UNLATCHED Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 7 7-way 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, tin/lead, 2 2-way 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin Plc http://
|
M80-5L10542MD |
DATAMATE MIX-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY
|
Harwin Plc
|
B5740-226-F-C-2 B5740-218-F-C-0 B5741-218-F-N-0 B5 |
BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, 13 13-way 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, 9 9-way 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET BS Datamate L-Tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip tin/lead shell, 9 9-way 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 10 10-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 17 17-way 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET BS Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, 5-way 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, gold, 5-way 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, selective gold tin/lead, 5-way 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek SIL Female Vertical 1.3mm PC Tail Connector, gold clip tin/lead shell, 3-way 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, latched, selective gold tin/lead, 2-way 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, selective gold tin/lead, 2-way 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, gold, 6-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, 4 4-way 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, 4 4-way 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET BS Datamate L-Tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 2 2-way 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 7 7-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET BS Datamate L-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, 8 8-way 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, selective gold tin/lead, 3-way 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek DIL Male Vertical 3mm PC Tail Connector, latched, selective gold tin/lead, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 8 8-way BS Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 5 5-way BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 17-way BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, selective gold tin/lead, 17-way BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, 7 7-way BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, selective gold tin/lead, 7-way BS Datamate L-Tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 6 6-way BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, 10 10-way BS Datamate L-Tek SIL Female Small Bore Crimp Connector, gold clip tin shell, 4-way BS Datamate L-Tek SIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 2-way BS Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 5-way BS Datamate L-Tek SIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 5-way BS Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 2-way
|
Harwin PLC HARWIN INC
|
M80-8261645P M80-8263442P M80-8261045P |
Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, gold, 8 8-way, pick & place cap 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, selective gold tin, 17 17-way, pick & place cap 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG Datamate L-Tek DIL Male Vertical SMT Connector, unlatched, gold, 5 5-way, pick & place cap 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Harwin PLC
|
M80-8551822 |
Datamate L-Tek DIL Male Vertical 5.4mm PC Tail Connector, latched, selective gold tin/lead, 9 9-way 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
|
Harwin PLC
|
M80-5601046 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, tin, with jackscrews, 5 5-way 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-9431005 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, gold, with hoods jackscrews, 5 5-way 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-5621246 |
Datamate J-Tek DIL Male Large Bore Crimp Connector, tin, with reverse fix slotted jackscrews, 6 6-way 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-8880605 M80-8891001 M80-8891005 M80-8991001 M8 |
Datamate Connectors Datamate L-Tek DIL Female Large Bore Crimp Connector, gold clip gold shell, 17 17-way Datamate Connectors
|
Harwin Plc http:// HARWIN INC
|
|